Part Number Hot Search : 
SMD260 3050PA B82462G4 N4571A VT273 H8S2319 SY89850 2N334
Product Description
Full Text Search
 

To Download 015S-203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  12 s , 14 s , 15 s , 17 s , 18 s vishay techno www.vishay.com for technical questions, contact: sfer@vishay.com document number: 68017 30 revision: 22-sep-10 1/4" (6.35 mm) square wirewound trimmers applications wirewound trimmers are particularly useful in those applications where any combination of high power, low temperature coefficient of resistance and/or excellent long term life stability are important design considerations. electrical specifications electrical travel: 22 turns 4 turns resistance range: 10 to 5 k extended range available in non mil-spec product resistance tolerance: 5 % standard closer tolerances available temperature coefficient: (- 65 c to + 150 c) 50 ppm/c power rating: 0.5 w at + 85 c derated to 0 w at + 150 c these specifications exceed mil-spec end resistance: 1 or 2 %, whichever is greater equivalent noise resistance (enr): 100 maximum dielectric (dwv): 1000 v ac at atmospheric pressure these specifications exceed mil-spec insulation resistance: > 100 000 m (500 v dc ) these specifications exceed mil-spec mechanical specifications operating torque: 3 oz.-inches maximum, 17 s and 18 s , 5 oz.-inches maximum, 12 s , 14 s and 15 s rotation: clutch stop, wiper idles weight: 0.935 g maximum resistive element: nickel chromium rotational life: 200 cycles minimum terminal strength: 2 lbs for 10 s features ? precious metal wiper ? 0.25 w to + 85 c ? tcr < 50 ppm/c ? solderable leads ? special configurations available ? military quality at affordable prices environmental specifications temperature limits: - 65 c to + 175 c sealing: fully sealed case (non-hermetic) note (1) other resistances available upon request standard resistance values resistance (1) ( ) nominal resolution (%) 10 1.65 20 1.35 50 1.13 100 0.82 200 0.62 500 0.62 1k 0.49 2k 0.34 5k 0.27 10k 0.21 20k 0.17 25k 0.16 circuit diagram 1 2 3 cw global part number information new global part numbering: 12s500rb (preferred part number format) global model type resistance value packaging 12 = top adjustment screw 14 = side adjustment screw 15 = pc mount 17 = top adjustment screw 18 = side adjustment screw / = continuous rotation s = clutch stop r = decimal k = thousand 100r = 100 5k00 = 5 k b = bulk historical part numbering: 12s501 (will continue to be accepted) 12 s 501 historical model type resistance value s50 rb 0 12
12 s , 14 s , 15 s , 17 s , 18 s 1/4" (6.35 mm) squar e wirewound trimmers vishay techno document number: 68017 for technical questions, contact: sfer@vishay.com www.vishay.com revision: 22-sep-10 31 notes (1) numbers in parenthesis refer to test method mil-std-202 as modified by the detail specification. (2) for values below 100 , add 0.05 to the allowable change. (3) the referenced tests also require that setting stability change shall not exceed 1.0 % plus the specified maximum resolution and operating torque shall not exceed 150 % of the specified maximum. dimensions 1/4" (6.35 mm) square in inches (millimeters) w lead style - 17 s 123 0.030 0.010 (0.762 0.254) 0.100 0.005 (2.54 0.127) 0.100 0.005 (2.54 0.127) 0.038 0.005 (0.965 0.127) 0.016 0.001 (0.406 0.025) dia. 0.020 0.003 (0.508 0.076) 0.045 0.005 (1.14 0.127) 0.172 (4.37) min. 0.020 0.003 (0.508 0.076) 0.260 0.005 (6.60 0.127) 0.211 0.005 (5.36 0.127) 0.120 0.005 (3.05 0.127) 0.062 0.005 (1.57 0.127) dia. 0.160 0.010 (4.06 0.254) x lead style - 18 s 0.100 0.005 (2.54 0.127) 0.038 0.005 (0.965 0.127) 0.100 0.005 (2.54 0.127) 0.030 0.010 (0.762 0.254) 0.211 0.005 ( 5.36 0.127) 0.062 0.005 (1.57 0.127) 0.120 0.005 (3.05 0.127) 0.160 0.010 (0.406 0.254) 0.172 (4.37) min. 0.260 0.005 (6.60 0.127) 0.045 0.005 (1.14 0.127) 0.016 0.001 (0.406 0.025) dia. 0.020 0.003 (0.508 0.076) 0.020 0.003 (0.508 0.076) p lead style - 15 s 0.082 (2.08) 0.050 0.010 (1.27 0.254) 0.250 0.015 (6.35 0.381) 0.125 (3.17) 0.100 (2.54) 0.100 (2.54) 0.014 (0.356) min. 0.055 0.010 (1.40 0.254) 0.020 (0.508) 2 1 3 0.062 0.002 (1.57 0.051) dia. 0.020 0.0015 (0.508 0.038) dia. 0.180 0.015 (4.57 0.381) 1.72 (4.37) min. 0.156 (3.96) w lead style - 12 s 0.120 0.010 (3.05 0.254) 0.156 0.010 (3.96 0.254) 0.062 0.002 (1.57 0.051) dia. 0.038 (0.965) 0.100 (2.54) 0.013 0.001 (0.330 0.025) dia. 0.020 (0.508) 0.250 0.015 (6.35 0.381) 0.014 (0.356) min. 0.172 (4.37) min. 0.050 0.010 (1.27 0.254) 1 2 3 x lead style - 14 s 0.062 0.002 (1.57 0.051) dia. 0.120 0.010 (3.05 0.254) 0.156 0.010 (3.96 0.254) 0.038 (0.965) 0.100 (2.54) 0.014 (0.356) min. 0.172 (4.37) min. 0.020 (0.508) 0.210 (5.33) 0.013 0.001 (0.330 0.025) dia. 0.050 0.010 (1.27 0.254) 0.250 0.015 (6.35 0.381) 3 2 1 environmental performance test (1) conditions mil-r-27208 requirement typical change thermal shock (107) 5 cycles, - 55 c to + 125 c r 1.0 % (2) r < 0.02 % low temperature operation 1 h storage, 45 min rated power at - 55 c r 1.0 % (2)(3) r < 0.01 % high temperature exposure 250 h, no load at + 150 c r 1.0 % (2)(3) r < 0.03 % moisture resistance (106) 240 h at rated power with humidity ranging from 80 % rh to 98 % rh r 1.0 % (2) r < 0.02 % resistance to soldering heat (210) + 350 c for 3 s r 1.0 % (2) r < 0.01 % shock (213) 18 shocks, 100 g, 6 ms, sawtooth, 3 axes r 1.0 % (2)(3) r < 0.07 % vibration (204) 10 hz to 2000 hz, 20 g, 12 h, 3 axes r 1.0 % (2)(3) r < 0.02 % rotational life 200 cycles r 2.0 % r < 0.04 % load life (108) 1000 h at rated power at + 85 c r 2.0 % r < 0.12 % derating 0 25 50 75 85 100 125 150 175 w 0.50 0.40 0.30 0.20 0.10 ambient temperature c
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of 015S-203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X